Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ12RF2/PQ12RF2V Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ12RF2/PQ12RF2V
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12RF2/PQ12RF2V Datasheet(HTML) 3 Page - Sharp Corporation

  PQ12RF2/PQ12RF2V Datasheet HTML 1Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 2Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 3Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 4Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 5Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 6Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 7Page - Sharp Corporation PQ12RF2/PQ12RF2V Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
243
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Fig. 1 Test Circuit
Fig. 5 Output Voltage Minute Adjustment
Characteristics (PQ05RF2V)
Fig. 6 Output Voltage Minute Adjustment
Characteristics (PQ09RF2V)
Fig. 2 Test Circuit of Ripple Rejection
102
103
104
4.5
5.0
5.5
6.0
R1=390
Ω
R1=1k
Ω
R1=
3.9k
Ω
R2 (
Ω)
103
104
105
8.1
9.0
9.9
R1=390
Ω
R1=1k
Ω
R1=3.9k
Ω
R2 (
Ω)
Fig. 3 Power Dissipation vs. Ambient
Temperature
Fig. 4 Overcurrent Protection Characteristics
(Typical value)
0
–20
0
PD1
PD2
50
100
150
5
10
15
20
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
0
1.0
2.0
3.0
4.0
100
80
40
60
20
0
Output current IO (A)
Note)
Oblique line portion : Overheat protection may operate in this area.
3.3
µF
PQ05RF2/PQ05RF21series
PQ05RF2Vseries
V
ei
VIN
eo
RL
0.33
µF
47
µF
+
+
V
ei
VIN
eo
RL
0.33
µF
47
µF
+
+
+
f=120Hz(sine wave)
ei(rms)=0.5V
RR=20 log(ei(rms)/eo(rms))
f=120Hz(sine wave)
ei(rms)=0.5V
RR=20 log(ei(rms)/eo(rms))
1
2
3
4
1
2
3
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
A
V
A
VIN
Iq
IO
VO
RL
0.33
µF
3.3
µF
PQ05RF2/PQ05RF21series
PQ05RF2Vseries
47
µF
+
+
1
2
3
4
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com