Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4044CSK Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SM4044CSK
Description  N-Chanel and P-Channel MOSFET use advanced trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SM4044CSK Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SM4044CSK Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM4044CSK Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
—
2 —
N-Channel Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ON/Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
40
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=40V
---
---
1
μA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
1
1.5
2
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=8A
---
14
mΩ
VGS=4.5V,ID=4A
---
GFS
Forward Transconductance
VDS=5 V, ID=8A
---
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=20V, VGS=0V, f=1MHz
---
415
pF
Coss
Output Capacitance
---
112
Crss
Reverse Transfer Capacitance
---
11
Switching Characteristics
td(on)
Turn-On Delay Time
---
4
ns
tr
Rise Time
---
3
ns
td(off)
Turn-Off Delay Time
---
15
ns
tf
Fall Time
---
2
ns
Qg
Total Gate Charge
---
12
nC
Qgs
Gate-Source
Charge
---
3.2
nC
Qgd
Gate-Drain “Miller” Charge
4
---
3.1
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=8A
---
0.8
1.2
V
www.doingter.cn
19
19
35
33
---
---
---
---
---
---
---
VDD=20V, RL=2.5Ω
VGS=10V,RGEN=3Ω
VDS=20V,ID=8A,
VGS=10V
---
---
---
4
3
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4.
Guaranteed by design, not subject to production
SM4044CSK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com