| Electronic Components Datasheet Search |
|
M5CTC-11505W-R Datasheet(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M5CTC-11505W-R Datasheet(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: M5CTC M5CTC SPECIFICATIONS ES-2486 Rev.6 Page 2/5 http://www.m-system.co.jp/ ACCESSORIES The clamp-on current sensor is included in the product package. ■ CLAMP-ON CURRENT SENSOR (leadwire type CLSA) • 0 – 10 A through 0 – 75 A Use Sensor model No.: CLSA-08 Sensor cable model No.: CLSA-08C-30 Applicable cable diameter: Max. 10.0 Sensor leadwire: AWG 22 Weight: 45 g (1.6 oz) • 0 – 100 A Use Sensor model No.: CLSA-12 Sensor cable model No.: CLSA-08C-30 Applicable cable diameter: Max. 16.0 Sensor leadwire: AWG 22 Weight: 70 g (2.5 oz) • 0 – 125 A through 0 – 300 A Use Sensor model No.: CLSA-30 Applicable cable diameter: Max. 24.0 Sensor leadwire: AWG 18, 200 mm Weight: 200 g (7.1 oz) • 0 – 350 A through 0 – 500 A Use Sensor model No.: CLSA-50 Applicable cable diameter: Max. 36.0 Sensor leadwire: AWG 18, 200 mm Weight: 300 g (10.6 oz) ■ CLAMP-ON CURRENT SENSOR (screw terminal type CLSB) Connection: M3 screw terminal (torque 0.5 N·m) Screw terminal: Nickel-plated steel Output wiring: Use AWG22 or thicker wires for the output. Twist the paired wires, extendable up to 30 meters. • 0 – 10 A through 0 – 50 A Use Sensor model No.: CLSB-05 Applicable cable diameter: Max. 10.0 Weight: 45 g (1.6 oz) • 0 – 60 A through 0 – 100 A Use Sensor model No.: CLSB-10 Applicable cable diameter: Max. 16.0 Weight: 80 g (2.8 oz) • 0 – 125 A through 0 – 200 A Use Sensor model No.: CLSB-20 Applicable cable diameter: Max. 24.0 Weight: 200 g (7.1 oz) • 0 – 225 A through 0 – 400 A Use Sensor model No.: CLSB-40 Applicable cable diameter: Max. 35.0 Weight: 300 g (10.6 oz) • 0 – 500 A through 0 – 600 A Use Sensor model No.: CLSB-60 Applicable cable diameter: Max. 35.0 Weight: 360 g (12.7 oz) Note 1: The output values may vary depending on the accuracy of engagement at the clamp connection. Note 2: The sensor is detachable up to 100 times (approx.). Note 3: The sensor’s mechanical construction may cause it to generate resonance sound. However, it does not affect the performance of the sensor. GENERAL SPECIFICATIONS Construction: Terminal block Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Sensor core to input or output to power Input waveform RMS sensing: Up to 15 % of 3rd harmonic content Overrange output: Approx. 0 to 110 % at 1 – 5 V Zero adjustment: -2 to +2 % (front) Span adjustment: 98 to 102 % (front) Power LED: Green LED turns on when the power is supplied. INPUT SPECIFICATIONS Frequency: 50 / 60 Hz Overload capacity CLSA - 08: 120 A continuous CLSA - 12: 300 A continuous CLSA - 30: 360 A continuous CLSA - 50: 600 A continuous CLSB - 05: 100 A continuous CLSB - 10: 200 A continuous CLSB - 20: 300 A continuous CLSB - 40: 600 A continuous CLSB - 60: 720 A continuous Operational range: 5 – 120 % of rating Be sure that the input voltage is of 440 V or less. OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 11 V max. ■ DC Voltage: 0 – 10 V DC Minimum span: 1 V Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; at ≥ 1 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |