Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RVS248X02C Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # RVS248X02C
Description  MOSFET protection IGBT protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

RVS248X02C Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  RVS248X02C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd RVS248X02C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd RVS248X02C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd RVS248X02C Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd RVS248X02C Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMC dimension definitions
SMC dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b(1)
1. Dimensions b and c apply to plated leads
2.90
3.20
0.114
0.126
c(1)
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.50
0.030
0.059
E
C
L
E2
E1
D
A1
A2
b
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
•
Polarity: band indicates cathode
•
Terminals: solder plated, solderable as per MIL-STD-750, method 2026
RVS248X02C
SMC footprint, dimensions in mm (inches)
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2019
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com