Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5699 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5699
Description  CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5699 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5699 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5699 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5699 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5699 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5699
No.6665-1/4
Features
•
High speed.
•
High breakdown voltage(VCBO=1500V).
•
High reliability(Adoption of HVP process).
•
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
8A
Collector Current (Pulse)
ICP
16
A
Collector Dissipation
PC
3.0
W
Tc=25
°C65
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0
800
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1
mA
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=4.5A, IB=1.13A
3
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=4.5A, IB=1.13A
1.5
V
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6665A
2SC5699
CRT Display Horizontal Deflection
Output Applications
Package Dimensions
unit : mm
2174A
[2SC5699]
52101 TS IM TA-3147 / 82200 TS IM TA-3015
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PMLH
16.0
3.4
2.0
2.8
2.1
5.45
5.45
0.7
0.9
5.6
3.1
12
3


Similar Part No. - 2SC5699

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5690 SANYO-2SC5690 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
logo
Inchange Semiconductor ...
2SC5690 ISC-2SC5690 Datasheet
261Kb / 2P
Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC5692 TOSHIBA-2SC5692 Datasheet
167Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5692 TOSHIBA-2SC5692 Datasheet
135Kb / 5P
High-Speed Switching Applications
2SC5692 TOSHIBA-2SC5692 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5699

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1908 SANYO-2SD1908 Datasheet
116Kb / 3P
CRT Display Horizontal Deflection Output Applications
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5698 SANYO-2SC5698 Datasheet
29Kb / 4P
CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC3189 SANYO-2SC3189 Datasheet
661Kb / 8P
CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com