Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5452921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452921
Description  Printed-circuit board connector - BCVP-381WF- 5 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452921 Datasheet HTML 1Page - PHOENIX CONTACT 5452921 Datasheet HTML 2Page - PHOENIX CONTACT 5452921 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452921
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-381WF- 5 BK - 5452921
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002638


Similar Part No. - 5452921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452920 PHOENIX-5452920 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 4 BK
5452922 PHOENIX-5452922 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 6 BK
5452923 PHOENIX-5452923 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 7 BK
5452924 PHOENIX-5452924 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 8 BK
5452925 PHOENIX-5452925 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 9 BK
More results

Similar Description - 5452921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452931 PHOENIX-5452931 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF-15 BK
5452923 PHOENIX-5452923 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 7 BK
5452929 PHOENIX-5452929 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF-13 BK
5452930 PHOENIX-5452930 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF-14 BK
5452932 PHOENIX-5452932 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF-16 BK
5452926 PHOENIX-5452926 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF-10 BK
5452924 PHOENIX-5452924 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 8 BK
5452925 PHOENIX-5452925 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 9 BK
5452919 PHOENIX-5452919 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 3 BK
5452922 PHOENIX-5452922 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF- 6 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com