Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1513 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1513
Description  2A 380KHz 18V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1513 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1513 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1513 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Shenzhen H&M Semiconductor Co.Ltd
http: //www.hmsemi.com
Pin Configurations
FB
GND
GND
EN
SW
NC
SW
VIN
Figure2. Pin Configuration of HM1513 (Top View)
Table 1 Pin Description
supplies power to the output.
path to prevent switching current spikes from inducing voltage
high to turn it on. Floating is default high.
Pin Number
Pin Name
Description
3
NC
No Connected.
4
VIN
Supply Voltage Input Pin. HM1513 operates from a 3.6V to 18V
DC voltage. Bypass Vin to GND with a suitably large capacitor
to eliminate noise on the input.
5,6
SW
Power Switch Output Pin (SW). Output is the switch node that
7,8
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor ground
noise into HM1513.
1
FB
Feedback Pin (FB). Through an external resistor divider
network, Feedback senses the output voltage and regulates it.
The feedback threshold voltage is 0.8V.
2
EN
Enable Pin. Drive EN pin low to turn off the device, drive it
1
8
2
7
HM1513
3
6
4
5
2A 380KHz 18V Buck DC to DC Converter
HM1513
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com