Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1485 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1485
Description  Wide Input Range Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1485 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1485 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1485 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
T
Tyyp
piicca
all P
Pe
errffo
orrm
ma
an
ncce
e C
Ch
ha
arra
acctte
erriissttiiccss
Operating Conditions: TA=25℃, VIN = 12V, R2 = 470K, R3 = 150K, unless otherwise specified.
SW
5.00V/div
VOUT
100mV/div
M 2.50µs
SW
5.00V/div
VOUT
100mV/div
M 2.50µs
0.00%
20.00%
40.00%
60.00%
80.00%
100.00%
0
0.8
1.6
2.4
3.2
4
VIN=24V
Efficiency vs Load Current
Load Current(A)
VIN=12V
Output Voltage vs Load Current
(
with Cable Compensation)
2
3
4
5
6
7
01234
VIN=12V
Load Current(A)
VIN=24V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com