Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1358 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1358
Description  High-end current detection switching high-brightness LED driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1358 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1358 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1358 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
电气参数:
(VIN = 12V,TA=-40°C to +85°C,典型值在 TA=+25°C 时测得,除非另有说明。)
参数
符号
测试条件
最小
典型
最大
单位
输入电压范围
VIN
4
28
V
工作频率
fSW
2
MHz
工作电流
IVIN
VDIM<0.4V
350
46 0
570
uA
电流检测比较器
检测电压高端阈值
VCSHI
(VIN-VCSN) 从0V上升,
直到
VDRV <0.5V
176
mV
检测电压低端阈值
VCSLO
(VIN-VCSN) 从0.22V下降,
直到
VDRV> (VCC-0.5V)
144
mV
电流检测阈值电压迟滞
CSHYS
32
mV
输出高电平传输延时
tDPDH
(VIN-VCSN)从0.22V降到0V
82
nS
输出低电平传输延时
tDPDL
(VIN-VCSN)从0V上升到0.22V
82
nS
CSN管脚输入电流
ICSN
1
uA
DRV管脚
DRV管脚输出电流
VCSN=VIN, VDRV=0.5×VCC
0.5
A
DRV管脚灌入电流
VCSN=VIN-0.22V,
VDRV=0.5×VCC
1
A
DRV输出高电平
VOH
IDRV=5mA
VCC-0.5
V
DRV输出低电平
VOL
IDRV=-10mA
0.5
V
VCC管脚
输出电压
VCC
IVCC=0.1mA 到 5mA,
VIN=5.5V 到 30V
4.5
5.5
V
负载调整特性
IVCC=0.1mA 到 5mA,
5
Ohm
输入电源调整特性
VIN=6V到28V,IVCC=3mA
6
mV
输入电源抑制比
PSRR
IVCC=3mA,fIN=10kHz
-
35
dB
启动时间
tSTART
VCC=0 to 4.5V
350
uS
DIM管脚
最大
DIM频率
fDIM
20
kHz
DIM输入高电平
VIH
VCSN=VIN, 增加DIM的电压
直到
VDRV >(VCC-0.5V)
1.2
V
DIM输入低电平
VIL
VCSN=VIN, 减小DIM的电压
直到
VDRV <0.5V
0.4
V
DIM导通时间
tDIMON
DIM 上升沿到VDRV=0.5VCC,
VCSN=VIN , CDRV = 1nF
100
nS
DIM关断时间
tDIMOFF
DIM 下降沿到VDRV=0.5VCC,
VCSN=VIN , CDRV = 1nF
100
nS
DIM管脚漏电流
VDIM = 5V
1
uA
VDIM = 0V
-1
HM1358



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com