Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC8T245 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC8T245
Description  8-bit dual supply translating transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC8T245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 12 December 2011
13 of 28
Nexperia
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
11. Waveforms
[1]
VCCI is the supply voltage associated with the data input port.
[2]
VCCO is the supply voltage associated with the output port.
Measurement points are given in Table 13.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
The data input (An, Bn) to output (Bn, An) propagation delay times
001aai475
VM
VM
VI
An, Bn input
GND
VOH
Bn, An output
VOL
tPHL
tPLH
Measurement points are given in Table 13.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Enable and disable times
001aai474
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VOL
VOH
VCCO
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Table 13.
Measurement points
Supply voltage
Input[1]
Output[2]
VCC(A), VCC(B)
VM
VM
VX
VY
1.2 V to 1.6 V
0.5VCCI
0.5VCCO
VOL +0.1 V
VOH  0.1 V
1.65 V to 2.7 V
0.5VCCI
0.5VCCO
VOL +0.15V
VOH  0.15 V
3.0 V to 5.5 V
0.5VCCI
0.5VCCO
VOL +0.3 V
VOH  0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com