Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5216 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5216
Description  Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5216 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5216 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5216 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC5216
Silicon NPN epitaxial planer type
For high-frequency amplification/oscillation/mixing
s Features
q
High transition frequency fT.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
15
8
3
50
200
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Emitter cutoff current
Collector to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Transition frequency
Collector output capacitance
Common emitter reverse transfer capacitance
Power gain
hFE ratio
Symbol
IEBO
VCBO
hFE
VCE(sat)
VBE
fT
Cob
Crb
PG
hFE(RATIO)
Conditions
VEB = 2V, IC = 0
IC = 100µA, IE = 0
VCE = 4V, IC = 2mA
IC = 20mA, IB = 4mA
VCE = 4V, IC = 2mA
VCB = 10V, IE = –15mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
VCB = 6V, IE = 0, f = 1MHz
VCB = 10V, IE = –10mA, f = 200MHz
VCE = 4V, IC = 100µA
VCE = 4V, IC = 2mA
min
15
100
0.8
0.6
14
0.6
typ
0.7
1.3
1.0
0.4
18
max
2
350
0.5
1.9
1.4
22
1.5
Unit
µA
V
V
V
GHz
pF
pF
dB
Marking symbol :
FB


Similar Part No. - 2SC5216

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5210 ISAHAYA-2SC5210 Datasheet
172Kb / 3P
FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION SILICON NPN TRIPLE DIFFUSED TYPE
2SC5211 ISAHAYA-2SC5211 Datasheet
60Kb / 3P
SILICON NPN TRANSISOR
logo
Guangdong Kexin Industr...
2SC5211 KEXIN-2SC5211 Datasheet
50Kb / 1P
Small Signal Transistor
2SC5211 KEXIN-2SC5211_15 Datasheet
555Kb / 2P
NPN Transistors
logo
Isahaya Electronics Cor...
2SC5212 ISAHAYA-2SC5212 Datasheet
161Kb / 3P
FOR HIGH CURRENT DRIVE APPLICATION SILICON NP EPITAXIAL TYPE
More results

Similar Description - 2SC5216

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3130 PANASONIC-2SC3130 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3932 PANASONIC-2SC3932 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3935 PANASONIC-2SC3935 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4809J PANASONIC-2SC4809J Datasheet
68Kb / 3P
For high-frequency amplification/oscillation/mixing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com