Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS22B
Description  Schottky rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS22B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS22B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS22B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS22B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
●
Terminals:
Solder plated, solderable per
JESD22-B102D
●
Polarity:
Laser band denotes cathode end
IF(AV)
2.0A
VRRM
20 V to 100 V
IFSM
50A
VF
0.50V, 0.55V, 0.70V, 0.85V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Items
Test conditions
Instantaneous forward
voltage
0.70
IF=2.0A
(2)
VF
0.50
SS22B
Reverse current
VR=VDC
Tj=25℃
IR
0.5
Tj=100℃
5
0.85
0.55
SS23~24B
V
SS25~26B
mA
UNIT
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
Thermal resistance from junction to lead
(1)
RθJL
25
℃
/W
Operating junction and storage temperature
range
TJ,TSTG
–65 to +125
SS28~210B
℃
Symbol
Maximum average forward rectified current
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single
half sine-wave superimposed on
rated load
IFSM
50
A
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
SS25B
Schottky rectifier
SS22B-SS210B
Rev :
www.leiditech.com
01.06.2015
1/3
Items
Symbol
SS22B
SS23B
SS24B
SS26B
SS28B
SS210B
UNIT


Similar Part No. - SS22B

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS22B DACHANG-SS22B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
logo
Shenzhen Luguang Electr...
SS22B LUGUANG-SS22B Datasheet
248Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
SS22B DACHANG-SS22B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Jinan Jing Heng Electro...
SS22B JINGHENG-SS22B Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
SS22B HDSEMI-SS22B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
More results

Similar Description - SS22B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com