Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6NPA-A1A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M6NPA-A1A-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NPA-A1A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M6NPA-A1A-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NPA-A1A-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NPA-A1A-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NPA-A1A-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: M6NPA
M6NPA SPECIFICATIONS
ES-7904 Rev.9 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Output
Driver
+
+
OUTPUT
5
6
Isolation
S
Z
Voltage
Amplifier
Digital
Computation
Waveform
Shaper
1
2
3
4
+
INPUT
1
2
+
2.4 kΩ
■ Open Collector or Mechanical Contact
Input Connection Examples
■ Voltage Pulse
2.5 V
1
2
+
8
7
POWER
POWER LED
POWER
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com