Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS14F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS14F
Description  Surface Mounted Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS14F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS14F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS14F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
表面安装肖特基二极管
反向电压 40 V
正向电流 1.0 A
Surface Mounted Schottky Barrier Rectifiers
Reverse Voltage 40 V
Forward Current 1.0 A
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒
260℃/10seconds
260℃/10seconds
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
● 型号后缀“-F”标记无卤素产品,本体印字加“.”
Green compound with suffix "-F" ,Body Marking with"."
机械数据 Mechanical Data
● 封装外形:SMAF 塑封 Case:SMAF Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
最大值和特性 TA = 25℃ 除非另有规定。
Unit
单位
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
参数
Parameter
SS14F
符号
Symbols
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
VRRM
Unit
Parameter
40
28
40
Symbols
VRMS
V
VDC
V
A
V
IF(AV)
1.0
Maximum average forward rectified current
正向不重复浪涌电流 8.3 ms单一正弦半波
Non-repetitive peak forward surge current
8.3 ms singlehalf sine-wave
最大正向电压
@IF=3.0A
Maximum forward voltage
最大反向电流 @VDC
TA= 25℃
IFSM
30
I
μA
VF
V
A
0.55
500
F(AV)
@ DC
Maximum reverse current
TA= 100℃
典型结电容 VR=4.0V,f=1MHz
Type junction capacitance
工作结温
Oti
j
ti
典型热阻 Typical thermal resistance (Note 1)
RθJL
18
IR
Tj
130
RθJA
55
Cj
-55 --- +125
mA
10
pF
℃/W
Operating junction
存储温度
Storage temperature rang
备注 Note:
1) 安装在PCB板上,从PN结到周围环境的热阻。
1) Thermal resistance from junction to ambient , PCB mounted.
TSTG
-55 --- +150
SS14F
Rev :
www.leiditech.com
01.06.2017
1/2


Similar Part No. - SS14F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS14F PANJIT-SS14F Datasheet
258Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS14F YFWDIODE-SS14F Datasheet
163Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS14F CHENDA-SS14F Datasheet
629Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS14F JUXING-SS14F Datasheet
761Kb / 3P
Surface Mount Schottky Rectifiers
logo
Xian Semipower Electron...
SS14F SEMIPOWER-SS14F Datasheet
127Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS14F

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT42WS FCI-BAT42WS Datasheet
200Kb / 2P
200 mA Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
DSK12L LEIDITECH-DSK12L Datasheet
514Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK16L LEIDITECH-DSK16L Datasheet
712Kb / 2P
Surface Mounted Low VF Schottky Barrier Rectifiers
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSK34L LEIDITECH-DSK34L Datasheet
740Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK36L LEIDITECH-DSK36L Datasheet
749Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
SS34LVFA LEIDITECH-SS34LVFA Datasheet
658Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS22LVFB LEIDITECH-SS22LVFB Datasheet
345Kb / 2P
Surface Mounted Trench Low VF Schottky Barrier Rectifiers
SS24LB LEIDITECH-SS24LB Datasheet
671Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com