Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62364 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62364
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62364 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62364 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62364 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62364 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62364 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62364 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62364 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI ELECTRIC
M62364FP
8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
MITSUBISHI <Dig./Ana. INTERFACE>
(
/ 6 )
UNIT
VDD
Supply Voltage
LIMIT
MIN
TYP
MAX
2.7
3.0
3.6
V
IDD
Supply Current
CLK=1MHz,VCC=3V,IAO=0µA
3.5
mA
ABSOLUTE MAXIMUM RATING
SYMBOL
VDD
VIND
VIN
VOUT
VDAref
Topr
Tstg
PARAMETER
Supply Voltage
Digital Input Voltage
Analog Input Voltage
Analog Output Voltage
D-A Reference Voltage
Operating Temperature
Storage Temperature
MEASUREMENT CONDITION
RATINGS
-0.3 ~ +7.0
-0.3 ~ +7.0
-0.3 ~ VDD+0.3
-0.3 ~ VDD+0.3
-0.3 ~ VDD+0.3
-20 ~ +75
-40 ~ +125
UNIT
V
V
V
V
V
°C
<Ana/Dig Common Part> (VDD=5V±10%,VDD
≥VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
MEASUREMENT CONDITION
<Digital Part> (VDD=5V±10%,VDD
≥VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
PARAMETER
SYMBOL
IILK
IIL
IIH
VOL
VOH
VIN=0 ~ VDD
IOL=2.5mA
IOH=-400µA
-10
10
0.2VDD
0.4
0.8VDD
VDD-0.4
µ A
V
LIMIT
MIN
TYP
MAX
UNIT
V
V
V
MEASUREMENT CONDITION
PARAMETER
Input Leak Current
Digital Input "Low" Voltage
Digital Input "High" Voltage
Do Terminal Output "Low" Voltage
Do Terminal Output "High" Voltage
SYMBOL
<Analog Part> (VDD=5V±10%,VDD
≥VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
IIN
IDAref
RES
DNL
NL
Input Current
D-A Reference Input Current
Resolution
Differential Nonlinearity
Nonlinearity
VIN=3V,VDAref=0V,
*Proportional to max.
input current condition(VIN-VDAref) and
digital data of each channels.
-1.44
0.18
mA
mA
8
bit
-1
1
LSB
VAO
IAO
CO
RO
Buffer Amplifier Output Voltage
Range
Output Capacitative Load
Buffer Amplifier Output Impedance
0.1
VCC-0.1
V
VCC-0.2
0.2
-1
1
0.1
5
Ω
µ F
mA
IAO=
±100µA
IAO=
±500µA
Upper Saturation Voltage=0.4V
Lower Saturation Voltage=0.4V
LIMIT
MIN
TYP
MAX
MEASUREMENT CONDITION
PARAMETER
SYMBOL
VIN=3V,VDAref=0V,
*Proportional to max.
input current condition(VIN-VDAref) and
digital data of each channels.
UNIT
-1.5
1.5
LSB
VDD=2.61V,VDAref=0.050V(10mV/1LSB)
Without load(IAO=
±0)
Buffer Amplifier Output Current
Range
5
°C
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com