Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO1079 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # HO1079
Description  1090.0 MHz SAW Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

HO1079 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  HO1079 Datasheet HTML 1Page - RF Monolithics, Inc HO1079 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1090.0 MHz
SAW Oscillator
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
HO1079-111201
DIP16-8
Metal Dual-Inline Package with 8 leads in a 16-lead DIP configuration
Dimension
mm
Inches
MIN
MAX
MIN
MAX
A
—
25.02
—
0.985
B
—
12.83
—
0.505
C
—
6.35
—
0.250
D
0.40
0.51
0.016
0.020
E
0.64 Nominal
0.025 Nominal
F
7.62 Nominal
0.300 Nominal
G
2.54 Nominal
0.100 Nominal
H
17.78 Nominal
0.700 Nominal
K
3,39
6.73
0.130
0.265
L
1.30
—
0.051
—
M
—
11.18
—
0.440
N
—
22.60
—
0.890
R
1.75
2.26
0.069
0.089
Top View
Bottom View
D
(8 Places)
B
M
A
N
E
Pin 1 Mark
(Optional)
(4 Places)
L
C
K
F
R
(3 Places)
H
G
(4 Places)
1
2
7
8
9
10
15
16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com