Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # AL-SERIES
Description  Voltage Control Function Available.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

AL-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  AL-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
39
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
T
T A
BC*
26A09
26A09
26A09
26A09
26A09
26A09
26A09
26A09
T
Name
Connection
Pin Connection
Pin 1
AFC or GND
Pin 2
GND
Pin 3
OUTPUT
Pin 4
VCC
Recommended Land Pattern
Top View
2.5±0.15
Pin 1
Pin 2
Pin 3
Pin 4
Bottom View
1.35
0.50
0.80
0.65
0.70
1.35
SMD Temperature
Compensated Crystal Oscillators
2.5 x 2.0 x 0.8 mm AL Series
Features
.
Temperature Stability: ± 0.5 ppm ~ ± 2.5 ppm.
.
Operating Temperature Range: -40 ℃ ~ 105 ℃.
.
Supply Voltage: 1.68 V ~ 3.63 V.
.
Voltage Control Function Available.
.
Frequencies: 6 MHz ~ 52 MHz.
.
Applications: GPS, WiMAX, LTE and Wifi Communications.
.
RoHS Compliant/Pb Free.
.
AEC-Q200/AEC-Q100 Compliant.
Dimensions
Electrical Specifications
Item / Type
AL
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Clipped Sinewave Output Voltage
Vs. Temperature ( - 40 ~ + 85 ℃ )
Vs. Temperature ( - 40 ~ + 105 ℃ )
Vs. Load ( Load varies ± 10 % )
Vs. Supply Voltage ( Vcc = Typical ± 0.1 V )
at 25 ℃ after 2 Reflows with Typical
Applied to Auto Frequency Control Pin
Slope of Frequency Drift
Storage Temperature Range
Auto Frequency Control ( AFC ) Range *
Supply Current
Start-up Time
Harmonics
Phase Noise at 1 kHz offset
Aging ( at 25 ℃ )
Clipped Sinewave
10 KΩ // 10 pF and 5 KΩ // 40 pF
Fundamental
1.68 ~ 3.63 V
6 ~ 52 MHz
0.8 Vp - p typical
±
0.5 / ± 2.5 ppm
±
0.2 ppm Max.
±
0.2 ppm Max.
±
0.1 ppm / ℃ Typical ; ± 0.5 ppm / ℃ Max.
- 55 ~ + 125 ℃
±
5 ppm ~ ± 16 ppm
2.5 mA Max.
3 ms Max.
- 5 dBc Max.
- 130 dBc / Hz
±
1 ppm / year Max.
* AFC Range is selective and disable is acceptable.
Frequency Tolerance
Frequency Stability
±
2.5 ppm Max.


Similar Part No. - AL-SERIES

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-SR-C ATGBICS-AL-SFP-10G-SR-C Datasheet
375Kb / 10P
AL-SFP-10G-SR Alcatel Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - AL-SERIES

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM20 ILSI-ISM20 Datasheet
130Kb / 2P
Tristate function available
logo
TXC Corporation.
7L-SERIES TXC-7L-SERIES Datasheet
996Kb / 1P
Voltage Control Function Available.
7N-SERIES TXC-7N-SERIES Datasheet
1Mb / 1P
Voltage Control Function Available
7N-SERIES TXC-7N-SERIES_V01 Datasheet
1Mb / 1P
Voltage Control Function Available
7P-SERIES TXC-7P-SERIES Datasheet
919Kb / 1P
Voltage Control Function Available
7Q-SERIES TXC-7Q-SERIES Datasheet
980Kb / 1P
Voltage Control Function Available.
7Z-SERIES TXC-7Z-SERIES Datasheet
974Kb / 1P
Voltage Control Function Available.
8P-SERIES TXC-8P-SERIES Datasheet
985Kb / 1P
Voltage Control Function Available.
AK-SERIES TXC-AK-SERIES Datasheet
2Mb / 1P
Voltage Control Function Available.
AQ-SERIES TXC-AQ-SERIES Datasheet
993Kb / 1P
Voltage Control Function Available.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com