Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS152C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS152C
Description  15 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS152C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS152C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS152C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS152C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15 Amp Schottky
Rectifier
20 to 100 Volts
Features
For Surface Mount Applications
Extremely Low Thermal Resistance
High Current Capability With Low Forward Voltage
High Temp Soldering: 260°C for 10 Seconds At Terminals
Maximum Ratings
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +150°C
Typical Thermal Resistance; 20°C/W Junction To Lead
MST
Part
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
14V
20V
21V
30V
28V
40V
35V
50V
42V
60V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15.0A
TL = 95°C
Peak Forward Surge
Current
IFSM
275A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SK152-1545
SK155-1510
VF
0.55V
0.85V
IFM = 15.0A;
TJ = 25°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
20mA
TJ = 25°C
TJ = 100°C
Typical Junction
Capacitance
CJ
500pF
Measured at
1.0MHz, VR=4.0V
SS1535C
35
4.5V35V
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
SMC (DO-214AB)
G
H
E
D
F
A
B
C
MIN
MAX MIN
MAX
A
0.079 0.103 2.00
2.62
B
0.108 0.128 2.75
3.25
C
0.002 0.008 0.051 0.203
D
0.006 0.012 0.152 0.305
E
0.030 0.060 0.76
1.52
F
0.305 0.320 7.75
8.13
G
0.260 0.280 6.60
7.11
H
0.220 0.245 5.59
6.22
DIMENSIONS
DIM
INCHES
MM
NOTE
Cathode Mark
2.50mm
3.30mm
Suggested Solder Pad Layout
4.40mm
Schottky rectifiers
SS152C-SS1510C
Rev :
www.leiditech.com
01.06.2018
1/3
SS152C
20V
SS153C
30V
SS154C
40V
SS1545C
SS155C
50V
SS156C
60V
SS158C
80V
SS1510C
V
2
45V
31.5V
45V
100V
70V
100V


Similar Part No. - SS152C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SS1520 LEIDITECH-SS1520 Datasheet
2Mb / 3P
15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
SS15200 LEIDITECH-SS15200 Datasheet
2Mb / 3P
15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
More results

Similar Description - SS152C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SK152 MCC-SK152 Datasheet
94Kb / 3P
15 Amp Schottky Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SK152 MCC-SK152_11 Datasheet
221Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
List of Unclassifed Man...
SK153-TP ETC2-SK153-TP Datasheet
259Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK154-TP MCC-SK154-TP Datasheet
259Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_17 Datasheet
253Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com