Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1510C Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS1510C
Description  15 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS1510C Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS1510C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS1510C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS1510C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
  !"#
versus
Lead Temperature°
%

&'
('
)%'
)*'
)&'
)('
'
%+,
,+'
-+,
. #/0.1
&'02##3
!"#
°
)''
)'+
)%+,
),+'
4
5"
+)
+%
)
+*
%
)'
%'
*'
*
)'' %''
)'
%'
&'
)''
%''
)''
5" "versus
#6. 6.#
"
6.#
&''
*''
*'
*''
)'''
7%,°
)
8".##
3##  !"#versus
3##6. 6.#
6.#
*'
&'
%'
'
)''
!"#
+%
)+%
+*
+&
+(
)+'
+)
+%
+*
+&
)
%
*
&
)'
%'
%,°
*''
&''
)''
)+*
),% ),*,
),, ),)'
SS152C-SS1510C
Rev :
www.leiditech.com
01.06.2018
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com