Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC33CT8 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC33CT8
Description  ULTRA LOW CAPACITANCE TVS DIODE ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC33CT8 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC33CT8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC33CT8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC33CT8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC33CT8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC33CT8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC33CT8 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC33CT8 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
●
●
●
●
Applications
●
●
●
●
●
●
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
200
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
Dimensions DFN2010T8
●
●
●
●
●
Rev :
www.leiditech.com
01.06.2015
1/7
ULC33CT8
200 Watts Peak Pulse Power per Line (tp=8/20µs)
Protects Up To Two Bidirectional I/O Lines
Low Capacitance (0.4pF) For High-Speed Interfaces
Working Voltages : 3.3V
Ultra-small Package Requires Less Than 2.0x1.0mm of PCB area
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 13A (8/20μs)
●
10/100/1000 Ethernet
Integrated magnetics/RJ-45 connectors
LAN/WAN Equipment
Security Cameras
Industrial Controls
Peripherals
Notebooks & Desktop Computers
DFN 2.0x1.0mm Package
Molding Compound Flammability Rating : UL 94V-O
Weight 1 Millgrams (Approximate)
Quantity Per Reel : 3,000pcs
Reel Size : 7 inch
Lead Finish : Lead Free


Similar Part No. - ULC33CT8

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ULC33CDQ UNSEMI-ULC33CDQ Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
ULC33CFN LEIDITECH-ULC33CFN Datasheet
746Kb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
Lightning & ESD Protection For Gigabit Ethernet Interface
logo
Shanghai Leiditech Elec...
ULC33CP8 LEIDITECH-ULC33CP8 Datasheet
935Kb / 5P
LIGHTNING AND ESD PROTECTION FOR GIGABIT ETHRNET INTERFACE
logo
UN Semiconducctor INC
ULC33CP8 UNSEMI-ULC33CP8 Datasheet
2Mb / 5P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ULC33CT8

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC332010T8 LEIDITECH-ULC332010T8 Datasheet
2Mb / 7P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com