Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBW14 Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EBW14
Description  2.0mm Contact Spacing, Board to Wire Dip Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EBW14 Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EBW14 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EBW14 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EBW14 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EBW14 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
■ PART NUMBERING SYSTEM
EBW 14 - P 002 L 3 6 W - 31Z
Plating Type:
31Z: Tin over Ni (RoHS Compliant)
Color:
B: Black
W: White
N: Nature (for DIP 2.60mm Type)
Material:
6: PA66+30%GF
Configuration:
2: DIP 2.60mm
3: DIP 3.30mm
Termination Type:
T: Straight Through Hole
L: Horizontal Through Hole
No. of Contacts:
002:2Pin. ~ 016:16Pin.
Connector Type:
P: Plug connector
Series Name: 14
Model Name: EBW: Board to Wire Connectors
EBW 14 - S 002 C 3 6 W - INS
Housing
Color:
B: Black
W: White
Material:
6: PA66+30%GF
Wire Range:
3: AWG #24~#30
Termination Type:
C: Cable Type (Housing Side)
No. of Contacts:
002:2Pin. ~ 016:16Pin.
Connector Type:
S: Socket Type
Series Name: 14
Model Name: EBW: Board to Wire Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com