Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5335 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5335
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5335 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5335 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5335 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC5335(Tentative)
Silicon NPN epitaxial planer type
For low-frequency output amplification
s Features
q
High foward current transfer ratio hFE.
q
Low collector to emitter saturation voltage VCE(sat).
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT2 Type Package
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*1
Tj
Tstg
Ratings
60
50
15
1.5
0.7
1.0
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*1
VCE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
VCE = 20V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
IC = 500mA, IB = 50mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
60
50
15
400
typ
0.15
200
11
max
1
10
2000
0.4
15
Unit
µA
µA
V
V
V
V
MHz
pF
*1 Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
*1h
FE Rank classification
Rank
R
S
T
hFE
400 ~ 800
600 ~ 1200 1000 ~ 2000
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
–
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)


Similar Part No. - 2SC5335

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5331 TOSHIBA-2SC5331 Datasheet
185Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
logo
Sanken electric
2SC5333 SANKEN-2SC5333 Datasheet
22Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Series Regulator, Switch, and General Purpose)
logo
NEC
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
More results

Similar Description - 2SC5335

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2179 PANASONIC-2SD2179 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2441 PANASONIC-2SD2441 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2459 PANASONIC-2SD2459 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2460 PANASONIC-2SD2460 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com