Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRDPB26W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DRDPB26W
Description  COMPLEX ARRAY FOR RELAY DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDPB26W Datasheet(HTML) 1 Page - Diodes Incorporated

  DRDPB26W Datasheet HTML 1Page - Diodes Incorporated DRDPB26W Datasheet HTML 2Page - Diodes Incorporated DRDPB26W Datasheet HTML 3Page - Diodes Incorporated DRDPB26W Datasheet HTML 4Page - Diodes Incorporated DRDPB26W Datasheet HTML 5Page - Diodes Incorporated DRDPB26W Datasheet HTML 6Page - Diodes Incorporated DRDPB26W Datasheet HTML 7Page - Diodes Incorporated DRDPB26W Datasheet HTML 8Page - Diodes Incorporated DRDPB26W Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DRDP006W
DRDN010W/
DRDN005W
Lead-free Green
DS30573 Rev. 8 - 2
1 of 9
DRD (xxxx) W
www.diodes.com
© Diodes Incorporated
DRD (xxxx) W
COMPLEX ARRAY FOR RELAY DRIVERS
A
M
J
L
D
B C
H
K
G
Mechanical Data
•
Epitaxial Planar Die Construction
•
One Transistor and One Switching
Diode in One Package
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
8°
All Dimensions in mm
•
Case: SOT-363
•
Case Material: Molded Plastic. "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Last
Page
•
Ordering Information: See Last Page
•
Weight: 0.008 grams (approx.)
Maximum Ratings, Total Device
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 3)
RθJA
625
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
18
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (Note 3)
IC
1000
mA
Maximum Ratings, DRDN010W NPN Transistor @ TA = 25°C unless otherwise specified
Features
R1
R2
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http: //www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf
.
R1
R2
P/N
R1 (NOM) R2 (NOM)
DRDNB16W
DRDPB16W
DRDNB26W
DRDPB26W
1K
1K
220
220
10K
10K
4.7K
4.7K
DRDNB16W/
DRDNB26W
DRDPB16W/
DRDPB26W
Maximum Ratings, DRDN005W NPN Transistor
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current - Continuous (Note 3)
IC
500
mA
@ TA = 25
°C unless otherwise specified
SPICE MODELS: DRDPB26W DRDN005W DRDN010W DRDNB16W DRDNB26W DRDP006W DRDPB16W


Similar Part No. - DRDPB26W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDPB26W DIODES-DRDPB26W Datasheet
355Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 10 - 2
More results

Similar Description - DRDPB26W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
DRDNB21D DIODES-DRDNB21D Datasheet
97Kb / 5P
COMPLEX ARRAY FOR DUAL RELAY DRIVER
DS30756 Rev. 3 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2P1N DIODES-CTA2P1N_1 Datasheet
715Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 7 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 10 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
DS30701 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com