Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1796005 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1796005
Description  Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 EX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1796005 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1796005 Datasheet HTML 1Page - PHOENIX CONTACT 1796005 Datasheet HTML 2Page - PHOENIX CONTACT 1796005 Datasheet HTML 3Page - PHOENIX CONTACT 1796005 Datasheet HTML 4Page - PHOENIX CONTACT 1796005 Datasheet HTML 5Page - PHOENIX CONTACT 1796005 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1796005
06/30/2020   Page 1 / 6
Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 EX - 1796005
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, nominal cross section: 2.5 mm², number of positions: 3, pitch: 5.08
mm, connection method: Push-in spring connection, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
 Time saving push-in connection, tools not required
 Intuitive use through colour coded actuation lever
 Quick and convenient testing using integrated test option
 Can be combined with the MSTB 2,5 range
 Screwable flange for superior mechanical stability
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356635318
Technical data
Item properties
Brief article description
PCB connector
Plug-in system
CLASSIC COMBICON (EX)
Type of contact
Female connector
Range of articles
FKC 2,5/..-STF-EX
Pitch
5.08 mm
Number of positions
3
Connection method
Push-in spring connection
Locking
Screw flange
Number of levels
1


Similar Part No. - 1796005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1796018 PHOENIX-1796018 Datasheet
68Kb / 3P
Printed-circuit board connector - FKC 2,5/ 4-STF-5,08EX
1796021 PHOENIX-1796021 Datasheet
69Kb / 3P
Printed-circuit board connector - FKC 2,5/ 5-STF-5,08EX
1796034 PHOENIX-1796034 Datasheet
68Kb / 3P
Printed-circuit board connector - FKC 2,5/ 6-STF-5,08EX
logo
Videk Ltd
179604 VIDEK-179604 Datasheet
27Kb / 1P
15 way HDD D Male to 15 way HDD D Female
logo
PHOENIX CONTACT
1796047 PHOENIX-1796047 Datasheet
69Kb / 3P
Printed-circuit board connector - FKC 2,5/ 7-STF-5,08EX
More results

Similar Description - 1796005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1903274 PHOENIX-1903274 Datasheet
70Kb / 4P
Printed-circuit board connector - FKC 2,5/ 2-STF-5,08-EX
1903410 PHOENIX-1903410 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/16-STF-5,08-EX
1903407 PHOENIX-1903407 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/15-STF-5,08-EX
1903397 PHOENIX-1903397 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/14-STF-5,08-EX
1903384 PHOENIX-1903384 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/13-STF-5,08-EX
1903355 PHOENIX-1903355 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/10-STF-5,08-EX
1903368 PHOENIX-1903368 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/11-STF-5,08-EX
1903287 PHOENIX-1903287 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/ 3-STF-5,08-EX
1903326 PHOENIX-1903326 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/ 7-STF-5,08-EX
1903342 PHOENIX-1903342 Datasheet
64Kb / 3P
Printed-circuit board connector - FKC 2,5/ 9-STF-5,08-EX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com