Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM3104 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3104
Description  5A 240KHZ 36V PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3104 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3104 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3104 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
3.6
36
V
Operating Junction Temperature
TJ
-40
125
ºC
Operating Ambient Temperature
TA
-40
85
ºC
Electrical Characteristics
VCC = 12V, Ta = 25
unless otherwise specified.
℃
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input voltage
VIN
3.6
36
V
Shutdown Supply Current
ISTBY
VEN=0V
30
90
uA
Supply Current
ICC
VEN=2V, VFB=1.3V
3.6
4
mA
Feedback Voltage
VFB
VIN = 3.6V to 23V
1.185 1.222
1.26
V
Feedback Bias Current
IFB
VFB=1.3V
0.1
0.5
uA
Switch Current Limit
ILIM
6
6.5
A
Oscillator Frequency
FOSC
200
240
280
KHz
Frequency
of
Current
Limit or Short Circuit
Protection
FOSC1
VFB=0V
42
KHz
EN Pin Threshold
VEN
0.7
1.2
1.7
V
EN Pin Input Leakage
Current
IH
VEN=2.5V
-0.1
-1
uA
IL
VEN=0.5V
-3
-10
uA
Internal PMOS RDSON
RDSON
VIN =12V, VFB=0V
VEN=12V, Iout=5A
80
mΩ
Max. Duty Cycle
DMAX
VFB=0V, ISW=0.1A
100
%
Efficiency
η
VIN=12V ,Vout=5V
Iout=5A
-
92
-
%
Thermal Shutdown
TOTSD
165
ºC
5A 240KHZ 36V PWM Buck DC/DC Converter
HM3104
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com