Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2806 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2806
Description  PWM/PFM control DC-DC step-down constant current driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2806 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2806 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2806 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2806 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2806 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2806 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HM2806
4
■ 电学特性参数
VIN=5V ,CIN=4.7µF ,COUT=10µF ,L=2.2µH
(Ta=25 ℃除非特殊指定)
项目
符号
条件
最小值
典型值
最大值
单位
FB 控制电压
VFB
-
0.09
0.1
0.11
V
工作电压
VIN
2
-
6
线性调整度
△
VOUT
IL=300mA
0.45
%
效率
EFFI
IL=200mA
-
92
-
%
CE 最低开启
VCEL
-
0.9
V
CE 最高关断
VCEH
-
1.1
V
待机电流
ISTB
VCE=0V、VIN=5V
0
-
1
µA
静态电流
IDD
VFB=0.1V*0.9
-
200
-
µA
电流限制
ILIM
-
-
1200
-
mA
PFM 切换点
IL
100
mA
振荡频率
FOSC
-
1.4
-
MHz
最大占空比
MAXDTY
-
100
-
-
%
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com