Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # CB-SERIES
Description  3.3V and 2.5V operation available.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

CB-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  CB-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
SMD LVPECL Crystal
Oscillators - Differential Output
5.0 x 3.2 x 1.2 mm CB Series
Features
.
3rd overtone solution.
.
3.3V and 2.5V operation available.
.
LVPECL output, output frequencies 25 MHz to 200 MHz.
.
Excellent low phase noise and jitter.
.
Tri-state function available.
.
Applications : Fibre Channel, Gigabit Ethernet, Serial ATA, Serial
Attached SCSI, PCI-Express, SDH/SONET.
.
RoHS compliant / Pb Free.
TXC
CBCY1H
156.2500
156.2500
Dimensions
Electrical Specifications
Item / Type
CB
Output Type
Output Load
Oscillation Mode
Supply Voltage (VDD)
Frequency Range
Overall Frequency Stability *
Operating Temperature Range
Storage Temperature Range
Voltage Vol ( Max.) / Voh ( Min.)
Rise ( Tr ) / Fall ( Tf ) Time ( 20 % ~ 80 % )
Supply Current
Symmetry
Start-up Time
Phase Jitter ( 12 KHz ~ 20 MHz )
LVPECL
50 Ω
3rd Overtone
2.5 V , 3.3 V
25 ~ 200 MHz
±
50 ppm , or specify
-10 ~ + 70 ℃, - 40 ~ + 85 ℃, or specify
- 55 ~ + 125 ℃
VDD - 1.62 V / VDD - 1.025 V
1 nS Max.
80 mA Max.
45 ~ 55 %
10 mS Max.
1 pS Max.
* Inclusive of frequency tolerance at 25 ℃, variation over temperature, supply voltage variation, aging and vibration.
1. Enable Control or NC
2. Enable Control or NC
3. GND
4. OUT
5. OUTN
6. VDD
Pad dimension tolerance ±0.2 mm
Pin Function:
Land Pattern:
Power Supply Decoupling Capacitor is Required.
Pad dimension tolerance ±0.2 mm
4
5
3
2
3
4
2
5
1.27
6
0.64
1
1
6
5.0±0.2
1.27
1.27
5
6
0.89
4
12
3


Similar Part No. - CB-SERIES

ManufacturerPart #DatasheetDescription
logo
Amphenol LTW
CB-05BFMA-QL8MP0 LTW-CB-05BFMA-QL8MP0 Datasheet
276Kb / 2P
X-Lok C-Size Field Installable Cable Type- F conn
CB-05BMFA-QL8MP0 LTW-CB-05BMFA-QL8MP0 Datasheet
266Kb / 2P
X-Lok C-Size Field Installable Cable Type M Conn
CB-06BFFA-QL8SP0 LTW-CB-06BFFA-QL8SP0 Datasheet
276Kb / 2P
X-Lok C-Size Field Installable Cable Type- F conn
logo
CITIZEN ELECTRONICS CO....
CB-09FP CITIZEN-CB-09FP Datasheet
451Kb / 2P
Small Magnetic Type Buzzer
logo
List of Unclassifed Man...
CB-09GP ETC-CB-09GP Datasheet
218Kb / 1P
Connection leads竊싷섟,竊?竊
More results

Similar Description - CB-SERIES

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Vectron International, ...
VCJ5 VECTRON-VCJ5_09 Datasheet
224Kb / 7P
3.3V or 2.5V Operation
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Texas Instruments
LM1086CSX-3.3 TI-LM1086CSX-3.3 Datasheet
2Mb / 24P
Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V and Adjustable Versions
logo
List of Unclassifed Man...
FT-ROUTER5000 ETC2-FT-ROUTER5000 Datasheet
2Mb / 6P
3.3V operation
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
2.5V~18V operation
logo
TXC Corporation.
BX-SERIES TXC-BX-SERIES Datasheet
971Kb / 1P
3.3V and 2.5V operation available.
CF-SERIES TXC-CF-SERIES Datasheet
938Kb / 1P
3.3V and 2.5V operation available.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com