Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC051109MP6 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC051109MP6
Description  5V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC051109MP6 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC051109MP6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC051109MP6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC051109MP6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC051109MP6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC051109MP6 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
●
●
●
●
●
Applications
●
●
●
●
●
●
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
90
W
ESD per IEC 61000−4−2 (Air)
VESD
±17
Kv
ESD per IEC 61000−4−2 (Contact)
±15
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
5V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
●
●
ULC051109MP6
90 Watts Peak Pulse Power per Line (tp=8/20µs)
Protects Two High Speed Lines
Low Clamping Voltage
RoHS Compliant
IEC61000-4-2 (ESD) ±17kV (air), ±15kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 3A (8/20µs)
●
●
USB 3.0 / USB 3.1 Interfaces
HDMI 1.4 / HDMI 2.0 Interfaces
Video Graphics Cards
Notebooks, Desktops, and Servers
Portable Instrumentation
Industrial Controls
Peripherals
DFN1109TP6 (1.1x0.9mm) Package
Molding Compound Flammability Rating : UL 94V-O
Weight 1.0 Millgrams (Approximate)
Quantity Per Reel : 3,000pcs
Reel Size : 7 inch
Lead Finish : Lead Free
Dimensions
DFN1109MP6
Rev :
www.leiditech.com
01.06.2014
1/5


Similar Part No. - ULC051109MP6

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC051109P6 LEIDITECH-ULC051109P6 Datasheet
1Mb / 6P
ULTRA LOW CAPACITANCETVS DIODE ARRAY
More results

Similar Description - ULC051109MP6

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
Pan Jit International I...
PJSD05U10LCFN2 PANJIT-PJSD05U10LCFN2 Datasheet
338Kb / 5P
LOW CAPACITANCE TVS/ESD PROTECTION
PJSD05U06LCFN2 PANJIT-PJSD05U06LCFN2 Datasheet
289Kb / 5P
LOW CAPACITANCE TVS/ESD PROTECTION
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
Low Capacitance TVS Diode Array for ESD Protection
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
Low Capacitance TVS Diode Array for ESD Protection
logo
Semtech Corporation
RCLAMP0504FB SEMTECH-RCLAMP0504FB Datasheet
571Kb / 7P
Low Capacitance RClamp짰 5V TVS for ESD & EOS Protection
logo
Shanghai Leiditech Elec...
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
Low-Capacitance TVS Diode Array for ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com