Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSPA4030S Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # WSPA4030S
Description  Wire Wound SMD Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

WSPA4030S Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  WSPA4030S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd WSPA4030S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd WSPA4030S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd WSPA4030S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd WSPA4030S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPECIFICATIONS
Part Number
Inductance
DC Resistance
(±30%)
Self-resonant
Frequency
Saturation
Current
*3
Heat Rating
Current
*4
@100kHz,1V
Max.
Typ.
Min.
Max.
Typ.
Max.
Typ.
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
12
2.95
3.40
2.60
2.80
11
2.70
3.10
2.40
2.60
9.5
2.40
2.70
2.10
2.30
9.2
2.15
2.50
2.00
2.20
7.8
2.05
2.40
1.80
2.00
7.8
2.00
2.30
1.75
1.90
7.8
1.95
2.20
1.70
1.90
7.8
1.90
2.20
1.65
1.80
6.4
1.75
2.00
1.55
1.70
6.4
1.70
1.90
1.50
1.60
6.4
1.55
1.70
1.45
1.60
6.4
1.50
1.60
1.30
1.40
4.9
1.45
1.60
1.25
1.40
4.9
1.35
1.50
1.20
1.30
5.9
1.30
1.40
1.15
1.20
4.9
1.20
1.30
1.05
1.10
4.2
1.15
1.30
1.00
1.10
3.5
1.05
1.10
0.95
1.00
410
3.5
1.10
1.20
0.85
0.94
3.5
0.95
1.15
0.83
0.92
3.5
0.85
0.94
0.80
0.88
2.8
0.68
0.75
0.64
0.70
2.1
0.60
0.70
0.50
0.60
1.7
0.50
0.60
0.45
0.50
1.4
0.40
0.50
0.35
0.40
1.0
0.32
0.38
0.26
0.27
WSPA8040S Series
S
W PA8040S150MT
15±20%
0.061
0.047
S
W PA8040S180MT
18±20%
0.069
0.053
S
W PA8040S220MT
22±20%
0.090
0.069
S
W PA8040S270MT
27±20%
0.101
0.078
S
W PA8040S330MT
33±20%
0.126
0.097
S
W PA8040S360MT
36±20%
0.133
0.102
S
W PA8040S390MT
39±20%
0.139
0.107
S
W PA8040S430MT
43±20%
0.147
0.113
S
W PA8040S470MT
47±20%
0.177
0.136
S
W PA8040S510MT
51±20%
0.185
0.142
S
W PA8040S560MT
56±20%
0.192
0.148
S
W PA8040S620MT
62±20%
0.237
0.182
S
W PA8040S680MT
68±20%
0.255
0.196
S
W PA8040S750MT
75±20%
0.274
0.211
S
W PA8040S820MT
82±20%
0.293
0.225
S
W PA8040S910MT
91±20%
0.354
0.272
S
W PA8040S101MT
100±20%
0.377
0.290
S
W PA8040S121MT
120±20%
0.434
0.334
S
W PA8040S151MT
150±20%
0.533
0.
S
W PA8040S181MT
180±20%
0.676
0.520
S
W PA8040S221MT
220±20%
0.779
0.599
S
W PA8040S331MT
330±20%
1.156
0.889
S
W PA8040S471MT
470±20%
1.625
1.260
S
W PA8040S681MT
680±20%
2.652
2.040
S
W PA8040S102MT
1000±20%
3.640
2.800
S
W PA8040S152MT
1500±20%
6.500
5.000
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com