Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF4L040AT Datasheet(PDF) 1 Page - Rohm

Part # RF4L040AT
Description  Pch -60V -4A Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF4L040AT Datasheet(HTML) 1 Page - Rohm

  RF4L040AT Datasheet HTML 1Page - Rohm RF4L040AT Datasheet HTML 2Page - Rohm RF4L040AT Datasheet HTML 3Page - Rohm RF4L040AT Datasheet HTML 4Page - Rohm RF4L040AT Datasheet HTML 5Page - Rohm RF4L040AT Datasheet HTML 6Page - Rohm RF4L040AT Datasheet HTML 7Page - Rohm RF4L040AT Datasheet HTML 8Page - Rohm RF4L040AT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RF4L040AT
Pch -60V -4A Power MOSFET
Datasheet
l
lOutline
VDSS
-60V
DFN2020-8S
RDS(on)(Max.)
89mΩ
ID
±4.0A
HUML2020L8
PD
2.0W
l
lInner circuit
l
lFeatures
1) Low on - resistance
2) High power small mold package
(HUML2020L8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
180
l
lApplication
Tape width (mm)
8
Switching
Quantity (pcs)
3000
Load switch
Taping code
TCR
Marking
KT
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
-60
V
Continuous drain current
ID
±4.0
A
Pulsed drain current
IDP*1
±16
A
Gate - Source voltage
VGSS
±20
V
Avalanche current, single pulse
IAS*2
-4.0
A
Avalanche energy, single pulse
EAS*2
1.3
mJ
Power dissipation
PD*3
2.0
W
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
www.rohm.com
© 2020 ROHM Co., Ltd. All rights reserved.
1/11
20201028 - Rev.002


Similar Part No. - RF4L040AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4L055GN ROHM-RF4L055GN Datasheet
2Mb / 13P
Nch 60V 5.5A Power MOSFET
More results

Similar Description - RF4L040AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
Pch -30V -4A Power MOSFET
SH8J31 ROHM-SH8J31 Datasheet
2Mb / 14P
-60V Pch Pch Middle Power MOSFET
RRR040P03FRA ROHM-RRR040P03FRA Datasheet
783Kb / 14P
Pch -30V -4A Power MOSFET
RD3L140SPFRA ROHM-RD3L140SPFRA Datasheet
2Mb / 15P
Pch -60V -14A Power MOSFET
SH8JC5 ROHM-SH8JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
Pch -60V -25A Power MOSFET
RS1L151AT ROHM-RS1L151AT Datasheet
2Mb / 13P
Pch -60V -56A Power MOSFET
RS3L110AT ROHM-RS3L110AT Datasheet
2Mb / 14P
Pch -60V -11A Power MOSFET
UT6MC5 ROHM-UT6MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
20230126 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com