Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM3200 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3200
Description  adjustable charge pump circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3200 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3200 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3200 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3200 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3200 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3200 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3200 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3200 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev 1.1
2012-04-11
4/
7
-45
VIN
输入电压
VOUT=4.5V
2.7
VOUT
V
IQ
无负载时的静态电
流3
2.7V < VIN < 5V, IOUT=0mA, SHDN =VIN
13
30
μA
VOUT
输出电压
2.7V < VIN < 4.5V, IOUT ≤ 50mA
4.32
4.5
4.68
V
3.0V < VIN < 4.5V, IOUT ≤ 100mA
4.32
4.5
4.68
V
ISHDN
Shutdown电流
2.7V<VIN<3.6V,IOUT=0mA,VSHDN=0
0.01
1
μA
3.6V<VIN<4.5V,IOUT=0mA,VSHDN=0
2.5
VRIPPLE
纹波电压
VIN=3V,IOUT=50mA
25
mVp-p
VIN=3V,IOUT=100mA
30
η
效率
VIN = 2.7V, IOUT = 50mA
83
%
fOSC
频率
振荡器频率
750
kHz
VIH
SHDN 输入为高时
的阈值电压
1.5
V
VIL
SHDN 输入为低时
的阈值电压
0.3
V
IIH
SHDN 输入为高的
输入电流
SHDN = VIN
-1
1
μA
IIL
SHDN 输入为低的
输入电流
SHDN = GND
-1
1
μA
tON
VOUT打开时间
VIN = 3V, IOUT = 0mA
0.2
ms
ISC
短路电流2
VIN = 3V, VOUT = GND, SHDN = 3V
300
mA
注释
: 1: VOUT 被上拉到5.5V,充电的开关关闭。
2: 在短路情况下可能已在过温保护模式下。
3: VOUT 被上拉到5V,充电的开关关闭。
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com