Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5401 Datasheet(PDF) 13 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices LT5401 Datasheet HTML 10Page - Analog Devices LT5401 Datasheet HTML 11Page - Analog Devices LT5401 Datasheet HTML 12Page - Analog Devices LT5401 Datasheet HTML 13Page - Analog Devices LT5401 Datasheet HTML 14Page - Analog Devices LT5401 Datasheet HTML 15Page - Analog Devices LT5401 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5401
13
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Single-Ended to Differential Conversion, G = 1V
Dual Precision Amplifier Configuration, G = 3V
5401 TA06
+15V
–15V
OUT1
T1C
T1B
IN1
IN2
T1A
T2A
T2B
T2C
OUT2
R1D
R1C
R1B
R2B
R2C
R2D
R1A
R2A
1/2 LTC2058
INPUT2
+15V
–15V
1/2 LTC2058
LT5401
–
+
+
–
OUT2
OUT1
INPUT1
5401 TA05
VOCM
+IN
–FB
–IN
+FB
–VOUT
+5V
+VOUT
–5V
OUT1
T1C
T1B
T1A
T2A
IN1
IN2
T2B
T2C
OUT2
R1D
R1C
R1B
R2B
R2C
R2D
R1A
R2A
ADA4932
LT5401
VIN
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com