Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4352 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4352
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 3 Page - Analog Devices

  LTC4352 Datasheet HTML 1Page - Analog Devices LTC4352 Datasheet HTML 2Page - Analog Devices LTC4352 Datasheet HTML 3Page - Analog Devices LTC4352 Datasheet HTML 4Page - Analog Devices LTC4352 Datasheet HTML 5Page - Analog Devices LTC4352 Datasheet HTML 6Page - Analog Devices LTC4352 Datasheet HTML 7Page - Analog Devices LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT4356-1/LT4356-2
3
Rev. C
For more information www.analog.com
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4356CDE-1#PBF
LT4356CDE-1#TRPBF
43561
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-1#PBF
LT4356IDE-1#TRPBF
43561
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-1#PBF
LT4356HDE-1#TRPBF
43561
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT4356CDE-2#PBF
LT4356CDE-2#TRPBF
43562
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-2#PBF
LT4356IDE-2#TRPBF
43562
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-2#PBF
LT4356HDE-2#TRPBF
43562
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT4356CMS-1#PBF
LT4356CMS-1#TRPBF
LTCNS
10-Lead Plastic MSOP
0°C to 70°C
LT4356IMS-1#PBF
LT4356IMS-1#TRPBF
LTCNS
10-Lead Plastic MSOP
–40°C to 85°C
LT4356HMS-1#PBF
LT4356HMS-1#TRPBF
LTCNS
10-Lead Plastic MSOP
–40°C to 125°C
LT4356CS-1#PBF
LT4356CS-1#TRPBF
LT4356S-1
16-Lead Plastic SO
0°C to 70°C
LT4356IS-1#PBF
LT4356IS-1#TRPBF
LT4356S-1
16-Lead Plastic SO
–40°C to 85°C
LT4356HS-1#PBF
LT4356HS-1#TRPBF
LT4356S-1
16-Lead Plastic SO
–40°C to 125°C
LT4356CS-2#PBF
LT4356CS-2#TRPBF
LT4356S-2
16-Lead Plastic SO
0°C to 70°C
LT4356IS-2#PBF
LT4356IS-2#TRPBF
LT4356S-2
16-Lead Plastic SO
–40°C to 85°C
LT4356HS-2#PBF
LT4356HS-2#TRPBF
LT4356S-2
16-Lead Plastic SO
–40°C to 125°C
LT4356CDE-1
LT4356CDE-1#TR
43561
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-1
LT4356IDE-1#TR
43561
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-1
LT4356HDE-1#TR
43561
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT4356CDE-2
LT4356CDE-2#TR
43562
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-2
LT4356IDE-2#TR
43562
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-2
LT4356HDE-2#TR
43562
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT4356CMS-1
LT4356CMS-1#TR
LTCNS
10-Lead Plastic MSOP
0°C to 70°C
LT4356IMS-1
LT4356IMS-1#TR
LTCNS
10-Lead Plastic MSOP
–40°C to 85°C
LT4356HMS-1
LT4356HMS-1#TR
LTCNS
10-Lead Plastic MSOP
–40°C to 125°C
LT4356CS-1
LT4356CS-1#TR
LT4356S-1
16-Lead Plastic SO
0°C to 70°C
LT4356IS-1
LT4356CS-1#TR
LT4356S-1
16-Lead Plastic SO
–40°C to 85°C
LT4356HS-1
LT4356HS-1#TR
LT4356S-1
16-Lead Plastic SO
–40°C to 125°C
LT4356CS-2
LT4356CS-2#TR
LT4356S-2
16-Lead Plastic SO
0°C to 70°C
LT4356IS-2
LT4356IS-2#TR
LT4356S-2
16-Lead Plastic SO
–40°C to 85°C
LT4356HS-2
LT4356HS-2#TR
LT4356S-2
16-Lead Plastic SO
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com