Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD25-16 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # PSD25-16
Description  Three Phase Rectifier Bridges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PSD25-16 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  PSD25-16 Datasheet HTML 1Page - Inchange Semiconductor Company Limited PSD25-16 Datasheet HTML 2Page - Inchange Semiconductor Company Limited PSD25-16 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
PSD25/16
Three Phase Rectifier Bridges
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VFM
Forward Voltage drop
IFM=17A, Pulse measurement, Rating of per diode
1.2
V
IR
Peak Reverse Current
VRM=VRRM , Pulse measurement, Rating of per diode
10
μ
A
PACKAGE OUTLINE
Dimensions for inches and (millimeters)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com