Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM4055 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055
Description  Monolithic miniature linear battery management chip with thermal regulation function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4055 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7. PROG 端电压 VS 输入电压
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PROG Pin Voltage VS Supply Voltage
Supply Voltage(V)
TJ=25℃, VBAT=3.2V,RSET=2K
TJ=25℃, VBAT=3.2V,RSET=5K
8. 涓流充电电流 VS 输入电压
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0
20
40
60
80
100
120
140
160
Supply Voltage(V)
TJ=25℃,VBAT=2.0V,RSET=2K
TJ=25℃,VBAT=2.0V,RSET=5K
Trickle Charge Current VS Supply Voltage
9. VBAT VS 输入电压
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
Regulated Output (Float) Voltage VS Supply Voltage
Supply Voltage(V)
TJ=25℃,RSET=2K,IBAT=70mA
10. PROG 端电压 VS 温度
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PROG Pin Voltage VS Temperature
Temperature (℃)
VIN=5.0V, VBAT=3.6V, RSET=2K
11. PROG 端上拉电流 VS 温度
-40
-20
0
20
40
60
80
100
120
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PROG Pin Pull-up Current VS Temperature
Temperature (℃)
VIN=6.5V, VBAT=4.3V, PROG=0V
VIN=4.2V, VBAT=4.3V, PROG=0V
12. BAT 端温度曲线
-40
-20
0
20
40
60
80
100
120
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
VBAT VS Temperature
Temperature (℃)
VIN=5.0V, IBAT=70mA, RSET=2K
HM4055



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com