Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM4050DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4050DR
Description  1mA~200mA Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4050DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4050DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
______________________________________ ________________________________________________________________________________
ORDERING INFORMATION
PART
NUMBER
TEMP RANGE
VIN
VBAT
CHARGE
CURRENT
PACKAGE
PINS
HM4050DR
-40°C to 85°C
4.5~6V
4.2V
1mA~200mA
DFN2x3
8
PIN CONFIGURATION
Figure 2. PIN Configuration
PIN DESCRIPTION
PIN
NUMBER
PIN
NAME
PIN DESCRIPTION
1
PROG
Charge Current Program, Charge Current Monitor and Shutdown Pin.
2
VCC
Positive Input Supply Voltage.
3
EN
Chip enable input.
4
BAT
Charge Current Output.
5
/STBY
The completion of battery charging instructions side.
6
/CHRG
Open-Drain Charge Status Output.
7,
TEMP
Battery temperature detection input, do not let this pin float.
8,9
GND
Ground
HM4050DR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com