Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSL0901UT Datasheet(PDF) 4 Page - Rohm

Part # CSL0901UT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901UT Datasheet(HTML) 4 Page - Rohm

  CSL0901UT Datasheet HTML 1Page - Rohm CSL0901UT Datasheet HTML 2Page - Rohm CSL0901UT Datasheet HTML 3Page - Rohm CSL0901UT Datasheet HTML 4Page - Rohm CSL0901UT Datasheet HTML 5Page - Rohm CSL0901UT Datasheet HTML 6Page - Rohm CSL0901UT Datasheet HTML 7Page - Rohm CSL0901UT Datasheet HTML 8Page - Rohm CSL0901UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
    
[Data Sheet]
[CSL090x series]
*Measurement tolerance:±10%
[CSL090x series]
(Ta=25ºC, I
F=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd) 28
~
35.5 35.5
~
45
45
~
56 56
~
71 71
~
90 90
~
112 112
~
140 140
~
180 180
~
224 224
~
280 280
~
355 355
~
450 450
~
560 560
~
710 710
~
900 900
~
1120 1120
~
1400 1400
~
1800
CSL0901VT
CSL0901UT
(Ta=25ºC, I
F=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd) 28
~
35.5 35.5
~
45
45
~
56 56
~
71 71
~
90 90
~
112 112
~
140 140
~
180 180
~
224 224
~
280 280
~
355 355
~
450 450
~
560 560
~
710 710
~
900 900
~
1120 1120
~
1400 1400
~
1800
CSL0901DT
(Ta=25ºC, I
F=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd) 28
~
35.5 35.5
~
45
45
~
56 56
~
71 71
~
90 90
~
112 112
~
140 140
~
180 180
~
224 224
~
280 280
~
355 355
~
450 450
~
560 560
~
710 710
~
900 900
~
1120 1120
~
1400 1400
~
1800
CSL0901YT
CSL0901WT
(Ta=25ºC, I
F=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd) 9
~
11.2 11.2
~
14
14
~
18 18
~
22.4 22.4
~
28
28
~
35.5 35.5
~
45
45
~
56 56
~
71 71
~
90 90
~
112 112
~
140 140
~
180 180
~
224 224
~
280 280
~
355 355
~
450 450
~
560
CSL0901MT
(Ta=25ºC, I
F=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd) 9
~
11.2 11.2
~
14
14
~
18 18
~
22.4 22.4
~
28
28
~
35.5 35.5
~
45
45
~
56 56
~
71 71
~
90 90
~
112 112
~
140 140
~
180 180
~
224 224
~
280 280
~
355 355
~
450 450
~
560
CSL0901PT
Orange(D)
Red(V,U)
Yellow(Y)
Yellow Green(M)
Green(P)
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
4/9
2020.4 - Rev.008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com