Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2-64-M Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MFS2-64-M
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS2-64-M Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MFS2-64-M Datasheet HTML 1Page - M-System Co.,Ltd. MFS2-64-M Datasheet HTML 2Page - M-System Co.,Ltd. MFS2-64-M Datasheet HTML 3Page - M-System Co.,Ltd. MFS2-64-M Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MFS2
MFS2 SPECIFICATIONS
ES-1383 Rev.6 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
SPLIT-RANGE TRANSMITTER
(isolated four outputs)
Functions & Features
• Generates four isolated signals which could control
multiple final control elements
• PC programmable
• High-density mounting
Typical Applications
• Manipulating multiple valves for split-range control
72
(2.83)
80
(3.15)
139
(5.47)
mm (inch)
MODEL: MFS2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: MFS2-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. MFS2-A4-M/Q)
• Use Ordering Information Sheet (No. ESU-1383)
• Factory default setting (See “OPERATION DIAGRAM”) will
be used if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT 1 through 4
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
[3] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• PC configurator software (model: MFS2CFG)
Software downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to output 3 to output
4 to power
Overrange output: 0 to 100 %
Zero adjustment: -5 to +5 % (PC programming)
Span adjustment: 95 to 105 % (PC programming)
Power LED: Green light turns on in normal operating
conditions.
Programming: Downloaded from PC; I/O characteristics,
high/low limits, fixed output, etc.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
Fixed output: Preset fixed outputs provided by contact
signal control at the terminals 5 – 6 (Open or Close trigger
conditions can be programmed.)


Similar Part No. - MFS2-64-M

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MFS201D-6-Z COPAL-MFS201D-6-Z Datasheet
891Kb / 9P
Sub-miniature Switches
MFS201EA-6-Z COPAL-MFS201EA-6-Z Datasheet
891Kb / 9P
Sub-miniature Switches
MFS201N-6-Z COPAL-MFS201N-6-Z Datasheet
891Kb / 9P
Sub-miniature Switches
MFS201PA-6-Z COPAL-MFS201PA-6-Z Datasheet
891Kb / 9P
Sub-miniature Switches
logo
NXP Semiconductors
MFS2300BMBA0EP NXP-MFS2300BMBA0EP Datasheet
2Mb / 230P
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
Rev. 7.0 - 16 October 2024
More results

Similar Description - MFS2-64-M

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com