Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2-46-M Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MFS2-46-M
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS2-46-M Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MFS2-46-M Datasheet HTML 1Page - M-System Co.,Ltd. MFS2-46-M Datasheet HTML 2Page - M-System Co.,Ltd. MFS2-46-M Datasheet HTML 3Page - M-System Co.,Ltd. MFS2-46-M Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: MFS2
MFS2 SPECIFICATIONS
ES-1383 Rev.6 Page 4/4
http://www.m-system.co.jp/
OPERATION DIAGRAM
The diagram below shows an example of I/O characteristics as specified in Table 1.
The split-range operations can be specified when ordering, by using Ordering Information Sheet, or programmed by the user
using PC Configurator Software. Please refer to Users Manual for the PC Configurator for more information.
1) Two pairs of input and output in % define each split I/O range.
Proportional (positive) or inverted (negative) characteristics can be specified.
2) High and low limits for each output can be specified independently within the full-scale range.
3) Fixed output value for each output can be specified independently in advance.
These outputs are provided when the contact input is closed or opened (predefined).
H limit ≥ Fixed output ≥ Low limit
4) Applying the fixed output or not can be specified independently for each output.
In the figure, fixed output is applied to the output 2 with contact input. The solid line shows the function when contact input is
shorted. The chain double-dashed line shows the function when contact input is opened.
Output 4
H Limit
Output 4
Output 3
Output 1
Input %
X11
100
X12
X21
X22 X31
X41
X32
X42
Table 1
INPUT %
OUTPUT %
LIMIT %
FIXED OUTPUT %
CONTACT INPUT
TRIGGER CONDITION
Output 1
X11 = 0.00
Y11 = 100.00
H1 = 100.00
Y1S = 0.00
Not applied
----
X12 = 30.00
Y12 = 0.00
L1 = 0.00
Output 2
X21 = 25.00
Y21 = 0.00
H2 = 100.00
Y2S = 30.00
Applied
Open
X22 = 50.00
Y22 = 100.00
L2 = 0.00
Output 3
X31 = 55.00
Y31 = 90.00
H3 = 90.00
Y3S = 0.00
Not applied
----
X32 = 80.00
Y32 = 10.00
L3 = 10.00
Output 4
X41 = 70.00
Y41 = 10.00
H4 = 70.00
Y4S = 0.00
Not applied
----
X42 = 100.00
Y42 = 90.00
L4 = 10.00
Factory default setting used if no Ordering Information is provided:
INPUT %
OUTPUT %
LIMIT %
FIXED OUTPUT %
CONTACT INPUT
TRIGGER CONDITION
Output 1
X11 = 0.00
Y11 = 0.00
H1 = 100.00
Y1S = 0.00
Not applied
Open
X12 = 100.00
Y12 = 100.00
L1 = 0.00
Output 2
X21 = 0.00
Y21 = 0.00
H2 = 100.00
Y2S = 0.00
Not applied
Open
X22 = 100.00
Y22 = 100.00
L2 = 0.00
Output 3
X31 = 0.00
Y31 = 0.00
H3 = 100.00
Y3S = 0.00
Not applied
Open
X32 = 100.00
Y32 = 100.00
L3 = 0.00
Output 4
X41 = 0.00
Y41 = 0.00
H4 = 100.00
Y4S = 0.00
Not applied
Open
X42 = 100.00
Y42 = 100.00
L4 = 0.00
Output 2
Fixed output (contact input shorted)
Output 2
Fixed output
(contact input opened)
Y12
Y32
Y22
Y42
Y21
Y41
Y2S
Y31
Y11
0
100
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com