| Electronic Components Datasheet Search |
|
MFS2-66-M Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MFS2-66-M Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: MFS2 MFS2 SPECIFICATIONS ES-1383 Rev.6 Page 4/4 http://www.m-system.co.jp/ OPERATION DIAGRAM The diagram below shows an example of I/O characteristics as specified in Table 1. The split-range operations can be specified when ordering, by using Ordering Information Sheet, or programmed by the user using PC Configurator Software. Please refer to Users Manual for the PC Configurator for more information. 1) Two pairs of input and output in % define each split I/O range. Proportional (positive) or inverted (negative) characteristics can be specified. 2) High and low limits for each output can be specified independently within the full-scale range. 3) Fixed output value for each output can be specified independently in advance. These outputs are provided when the contact input is closed or opened (predefined). H limit ≥ Fixed output ≥ Low limit 4) Applying the fixed output or not can be specified independently for each output. In the figure, fixed output is applied to the output 2 with contact input. The solid line shows the function when contact input is shorted. The chain double-dashed line shows the function when contact input is opened. Output 4 H Limit Output 4 Output 3 Output 1 Input % X11 100 X12 X21 X22 X31 X41 X32 X42 Table 1 INPUT % OUTPUT % LIMIT % FIXED OUTPUT % CONTACT INPUT TRIGGER CONDITION Output 1 X11 = 0.00 Y11 = 100.00 H1 = 100.00 Y1S = 0.00 Not applied ---- X12 = 30.00 Y12 = 0.00 L1 = 0.00 Output 2 X21 = 25.00 Y21 = 0.00 H2 = 100.00 Y2S = 30.00 Applied Open X22 = 50.00 Y22 = 100.00 L2 = 0.00 Output 3 X31 = 55.00 Y31 = 90.00 H3 = 90.00 Y3S = 0.00 Not applied ---- X32 = 80.00 Y32 = 10.00 L3 = 10.00 Output 4 X41 = 70.00 Y41 = 10.00 H4 = 70.00 Y4S = 0.00 Not applied ---- X42 = 100.00 Y42 = 90.00 L4 = 10.00 Factory default setting used if no Ordering Information is provided: INPUT % OUTPUT % LIMIT % FIXED OUTPUT % CONTACT INPUT TRIGGER CONDITION Output 1 X11 = 0.00 Y11 = 0.00 H1 = 100.00 Y1S = 0.00 Not applied Open X12 = 100.00 Y12 = 100.00 L1 = 0.00 Output 2 X21 = 0.00 Y21 = 0.00 H2 = 100.00 Y2S = 0.00 Not applied Open X22 = 100.00 Y22 = 100.00 L2 = 0.00 Output 3 X31 = 0.00 Y31 = 0.00 H3 = 100.00 Y3S = 0.00 Not applied Open X32 = 100.00 Y32 = 100.00 L3 = 0.00 Output 4 X41 = 0.00 Y41 = 0.00 H4 = 100.00 Y4S = 0.00 Not applied Open X42 = 100.00 Y42 = 100.00 L4 = 0.00 Output 2 Fixed output (contact input shorted) Output 2 Fixed output (contact input opened) Y12 Y32 Y22 Y42 Y21 Y41 Y2S Y31 Y11 0 100 Specifications are subject to change without notice. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |