Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS-V-AAA-F/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MFS-V-AAA-F/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS-V-AAA-F/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MFS-V-AAA-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. MFS-V-AAA-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. MFS-V-AAA-F/Q Datasheet HTML 3Page - M-System Co.,Ltd. MFS-V-AAA-F/Q Datasheet HTML 4Page - M-System Co.,Ltd. MFS-V-AAA-F/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MFS
MFS SPECIFICATIONS
ES-1379 Rev.13 Page 2/5
http://www.m-system.co.jp/
• Ammeter requirement: Input resistance 10 Ω max. (for
current output)
Monitor jack diameter: 2 mm (.08")
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational range: 24 V ±10 %,
approx. 80 mA (ripple 10 %p-p max.)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 % (gain = 1 or -1)
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input or output
1 or output 2 to power to ground)
EXTERNAL VIEW
■ FRONT VIEW (current output; with cover open)
■ FRONT VIEW (voltage output; with cover open)
Setpoint 1 Adj. (R1)
Setpoint 1 Monitor (
+)
Setpoint 1 Monitor (
–)
Setpoint 2 Monitor (
–)
Setpoint 2 Monitor (
+)
Setpoint 2 Adj. (R2)
Front Cover (open)
Front Cover (open)
* When monitor terminal is in use, connect a load to the output terminal
or short across the output terminal.
Setpoint 1 Adj. (R1)
Setpoint 1 Monitor (
+)
Setpoint 2 Adj. (R2)
Setpoint 2 Monitor (
+)
Common (
–)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com