Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS-V-4AA-F/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MFS-V-4AA-F/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS-V-4AA-F/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MFS-V-4AA-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. MFS-V-4AA-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. MFS-V-4AA-F/Q Datasheet HTML 3Page - M-System Co.,Ltd. MFS-V-4AA-F/Q Datasheet HTML 4Page - M-System Co.,Ltd. MFS-V-4AA-F/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MFS
MFS SPECIFICATIONS
ES-1379 Rev.13 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
SPLIT-RANGE TRANSMITTER
Functions & Features
• Generating two signals which control two final control
elements
• High-density mounting
Typical Applications
• Balancing two final control elements in opposite actions
used in heating-cooling or humidifying-dehumidifying
processes
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MFS–[1]–[2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: MFS-[1]-[2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. MFS-V-AAA-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] OUTPUT CHARACTERISTICS
V: V-shape
P: Parallel
Output 2 is assigned to the reversed output in V-shape
characteristics.
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 200 kΩ min.)
I/O code combination avaliable AAA or 444 suffix codes
only.
[3] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
[4] OUTPUT 2
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
[5] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or output 1 or output 2 to power
Input range: 0 – 23.2 mA DC or -1 – +12 V DC
Output range: 0 – 23.2 mA DC or -1 – +12 V DC
Output characteristics
• V-shape: two signals vary in opposite directions; used
when both final control devices have the same action (direct
-direct or reverse-reverse).
• Parallel: two signals vary in the same direction; used when
one final control device is direct and another is reverse.
Monitor jacks: Direct monitoring of output signal; accessible
at front


Similar Part No. - MFS-V-4AA-F/Q

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MFS-1000 KGS-MFS-1000 Datasheet
332Kb / 1P
Snap-mount clip for flat cables
More results

Similar Description - MFS-V-4AA-F/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com