Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80NF06 Datasheet(PDF) 5 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # STP80NF06
Description  N-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

STP80NF06 Datasheet(HTML) 5 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  STP80NF06 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF06 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF06 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF06 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF06 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.doingter.cn
—
—
5
Figure 11, Safe operation area TC=25 ℃
Figure 12, Max. transient thermal impedance
0.1
1
10
100
0.01
0.1
1
10
100
1000
10 ms
V
DS, Drain-source voltage(V)
10 μs
DC
1 ms
100 μs
R
DS(ON) Limited
10-6
10-5
10-4
10-3
10-2
10-1
100
101
10-3
10-2
10-1
100
101
D= tp/T
Single Pulse
0.01
0.02
0.05
0.1
0.2
0.5
D= 1
tp Pulse width(s)
STP80NF06
0086-0755-8278-9056



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com