Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PNT
Description  Plug-in Signal Conditioners M-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PNT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PNT Datasheet HTML 1Page - M-System Co.,Ltd. PNT Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: PNT
PNT SPECIFICATIONS
ES-3230 Rev.4 Page 1/2
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
2-WIRE ANGLE SENSOR TRANSMITTER
Functions & Features
• Converting a voltage input from Angle Sensor (model:
NRA) into a standard process signal proportional to the
angle
• Compact 2-wire design
Typical Applications
• Tank levels
• Positions
66
(2.60)
67
(2.64)
27
(1.06)
mm (inch)
MODEL: PNT-[1]
ORDERING INFORMATION
• Code number: PNT-[1]
Specify a code from below for [1].
(e.g. PNT-1)
[1] ACTION
1: Direct (output increases with input increase)
2: Reverse (output increases with input decrease)
RELATED PRODUCTS
• Brushless angle sensor (model: NRA)
GENERAL SPECIFICATIONS
Construction: Flat box
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Nickel-plated brass
Housing material: Flame-resistant resin (black)
Zero adjustments: 45 – 55 % of linearity-assured range of
the angle sensor
The Zero indicates such input where the transmitter outputs
12 mA.
Span adjustments: 50 – 100 % of linearity-assured range of
the angle sensor
INPUT SPECIFICATIONS
Input: 2 – 3 V DC (output from Angle Sensor)
Excitation: 5 V DC ±0.5 %
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
15
20
25
28
0
200
400
600
800
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 28 V DC
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 100 g (0.22 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)


Similar Part No. - PNT

ManufacturerPart #DatasheetDescription
logo
RFE international
PNT104K2G RFE-PNT104K2G Datasheet
82Kb / 1P
POLYPROPYLENE FILM CAPACITORS PNT Series: Axial Leaded Tubular
More results

Similar Description - PNT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com