Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2W Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PM2W
Description  Plug-in Signal Conditioners M-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PM2W Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PM2W Datasheet HTML 1Page - M-System Co.,Ltd. PM2W Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: PM2W
PM2W SPECIFICATIONS
ES-3225 Rev.5 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
25 (.98)
40 (1.57)
8 (.31)
OUTPUT TERMINALS
POTENTIOMETER
INPUT TERMINALS
5–M3 SCREW
1
2
SPAN
ZERO
3
4
5
MOUNTING REQUIREMENTS unit: mm (inch)
52 (2.05)
62 (2.44)
42 (1.65)
4–ø3.5 (.14) MTG HOLE
MOUNTING FRAME (model: PM2W-FR)
2–M3 TAP
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Z
3
Voltage
Amplifier
Output
Driver
4
5
S
Reference
Voltage Generator
3
2
1
POTENTIOMETER
max.
min.
+
+
LOAD
1
2
OUTPUT
24V DC
4 – 20mA DC
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com