Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS210 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SS210
Description  N-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SS210 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SS210 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SS210 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise note)
Output Characteristics
Transconductance
On-Resistance vs. Gate-to-Source Voltage
0
20
40
60
80
100
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru8V
VGS =6 V
VGS =7 V
0
15
30
45
60
75
0
10203040
50
ID - Drain Current (A)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
0.00
0.02
0.04
0.06
0.08
0.10
4567
8
910
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 150 °C
ID =15A
Transfer Characteristics
On-Resistance vs. Drain Current
Capacitance
0.0
0.4
0.8
1.2
1.6
2.0
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
0.000
0.009
0.018
0.027
0.036
0
204060
80
100
ID - Drain Current (A)
VGS =10 V
Crss
0
700
1400
2100
2800
3500
020
40
60
80
100
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
SS210
3
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com