Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEX-E Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MEX-E
Description  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-E Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MEX-E Datasheet HTML 1Page - M-System Co.,Ltd. MEX-E Datasheet HTML 2Page - M-System Co.,Ltd. MEX-E Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MEX-E
MEX-E SPECIFICATIONS
ES-4617 Rev.9 Page 1/3
http://www.m-system.co.jp/
Final Control Elements
VALVE POSITIONER
(current feedback; external SSR drive)
Functions & Features
• Controlling an electric actuator powered with 100/200 V
AC
• Feedback current 4 – 20 mA DC
• Constant current output for driving external SSRs
• Timer for motor's overheat protection
• Re-transmitted output
Typical Applications
• Three phase AC motor
• Loop powered isolator can be used for isolating between
setpoint input signal and transmitter output signal
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MEX–E–[1][2]
ORDERING INFORMATION
• Code number: MEX-E-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MEX-E-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Deadband adjustment: 2 – 20 % (front)
Timer adjustment: 1 – 30 sec. (front)
Isolation: Input or xmtr output or output to power
Zero adjustment: -10 to +10 % (front)
Span adjustment: 90 to 110 % (front)
INPUT SPECIFICATIONS
■ Setpoint Signal: 4 – 20 mA DC; input resistor incorporated
Input resistance: 100 Ω
■ Feedback Current: 4 – 20 mA DC; input resistor
incorporated
Input resistance: 20 Ω
OUTPUT SPECIFICATIONS
■ Re-Transmitted Output: 4 – 20 mA DC
Load resistance: 750 Ω max.
■ Control Output: 10 V DC @ 10 mA for ON;
0 mA for OFF
(2-3)ON to min.
(1-3)ON to max.
Deviation
(Setpoint) – (Feedback)
+
–
0
Deadband
• Output Operation (terminal No. in parentheses)
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)


Similar Part No. - MEX-E

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-E-B MSYSTEM-MEX-E-B Datasheet
110Kb / 3P
Final Control Elements
MEX-E-B/Q MSYSTEM-MEX-E-B/Q Datasheet
110Kb / 3P
Final Control Elements
MEX-E-C MSYSTEM-MEX-E-C Datasheet
110Kb / 3P
Final Control Elements
MEX-E-C/Q MSYSTEM-MEX-E-C/Q Datasheet
110Kb / 3P
Final Control Elements
MEX-E-D MSYSTEM-MEX-E-D Datasheet
110Kb / 3P
Final Control Elements
More results

Similar Description - MEX-E

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP6C MSYSTEM-MRP6C Datasheet
135Kb / 4P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com