Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEX-D Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MEX-D
Description  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-D Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MEX-D Datasheet HTML 1Page - M-System Co.,Ltd. MEX-D Datasheet HTML 2Page - M-System Co.,Ltd. MEX-D Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MEX-D
MEX-D SPECIFICATIONS
ES-4616 Rev.10 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
–
Output
Driver
+
A
RE-TRANSMITTED OUTPUT
5
6
4
2
7
8
U
V
+
–
3
Amplifier
Base Socket
S
Z
AC MOTOR
POWER
Timer
Compa-
rator
1
10
11
Voltage
Amplifier
9
min.
max.
FEEDBACK
100Ω
DEADBAND
ADJ.
TIMER
SETPOINT
+
–
20Ω
SSR
SSR
M
EXPLANATIONS OF TERMS
• SSR (Solid State Relay)
Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic
relays. It features excellent characteristics against vibration, physical impact or other environmental conditions.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in
the middle of an wave cycle, thus limiting transient switching noise voltage and rush current.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com