Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5580 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5580
Description  Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5580 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5580 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transistors
1
2SC5580
Silicon NPN epitaxial planer type
For high-frequency oscillation / switching
I Features
• High transition frequency f
T
• S-mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
8V
Emitter to base voltage
VEBO
3V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 3R
Unit: mm
1.3±0.1
0.3
+0.1
–0.0
2.0±0.2
1
3
2
(0.65) (0.65)
0.15
+0.10
–0.05
10
°
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Emitter cutoff current
IEBO
VEB = 2 V, IC = 02
µA
Collector to base voltage
VCBO
IC
= 100 µA, I
E
= 015
V
Forward current transfer ratio
hFE
VCE
= 4 V, I
C
= 2 mA
100
350
hFE ratio
hFE(RATIO)
VCE = 4 V, IC = 100 µA/2 mA
0.6
1.5
dB
Collector to emitter saturation voltage
VCE(sat)
IC
= 20 mA, I
B
= 4 mA
0.5
V
Transition frequency
fT
VCE
= 5 V, I
C
= 15 mA, f = 200 MHz
0.6
1.1
GHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
1.2
1.6
pF
I Electrical Characteristics T
a = 25°C ± 3°C
1: Base
2: Emitter
EIAJ: SC-70
3: Collector
S-Mini Type Package


Similar Part No. - 2SC5580

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5583 PANASONIC-2SC5583 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5584 PANASONIC-2SC5584 Datasheet
45Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5584 PANASONIC-2SC5584 Datasheet
164Kb / 11P
Horizontal Deflection Transistor Series for TV
logo
Inchange Semiconductor ...
2SC5584 ISC-2SC5584 Datasheet
273Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
More results

Similar Description - 2SC5580

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3130 PANASONIC-2SC3130 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3932 PANASONIC-2SC3932 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3935 PANASONIC-2SC3935 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5216 PANASONIC-2SC5216 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5378 PANASONIC-2SC5378 Datasheet
31Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5473 PANASONIC-2SC5473 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com