Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5421 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5421
Description  built-in high-precision voltage detection circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5421 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5421 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
第 3 页 共 7 页
七、
绝对最大额定值
(
VSS=0V,Ta=25°C ,除非特别说明)
项目
符号
规格
单位
VDD 和 VSS 之间输入电压
VDD
VSS-0.3~VSS+10
V
OC 输出端子电压
VOC
VDD-33~VDD+0.3
V
OD 输出端子电压
VOD
VSS-0.3~VDD+0.3
V
CS 输入端子电压
VCS
VDD-33~VDD+0.3
V
工作温度范围
TOP
-40~+85
℃
储存温度范围
TST
-40~+125
℃
容许功耗
PD
250
mW
八、
电气特性
(
VSS=0V,Ta=25°C ,除非特别说明)
项目
符号
条件
最小值
典型值
最大值
单
位
输入电压
VDD-VSS工作电压
VDSOP1
—
1.5
—
10
V
VDD-CS工作电压
VDSOP2
—
1.5
—
33
V
耗电流
工作电流
IDD
VDD=7.8V
—
5.0
9.0
uA
休眠电流
IPD
VDD=4.0V
—
—
0.1
uA
检测电压
过充电检测电压
n(*1)
VCUn
4.1~4.5V,可调整
VCUn
-0.025
VCUn
VCUn
+0.025
V
过充电释放电压
n(*1)
VCRn
3.9~4.3V,可调整
VCRn -0.05
VCRn
VCRn +0.05
V
过放电检测电压
n(*1)
VDLn
2.0~3.0V,可调整
VDLn -0.08
VDLn
VDLn +0.08
V
过放电释放电压
n(*1)
VDRn
2.3~3.4V,可调整
VDRn -0.10
VDRn
VDRn +0.10
V
放电过流检测电压
VDIP
VDIP -30
VDIP
VDIP +30
mV
负载短路检测电压
VSIP
VDD-VSS=7.0V
0.6
1.0
1.4
V
充电过流检测电压
VCIP
VCIP -30
VCIP
VCIP +30
mV
延迟时间
过充电检测延迟时间
TOC
700
1000
1300
ms
过放电检测延迟时间
TOD
70
110
150
ms
放电过流检测延迟时间
TDIP
6
10
14
ms
充电过流检测延迟时间
TCIP
4
7
10
ms
负载短路检测延迟时间
TSIP
150
250
400
μs
控制端子输出电压
OD端子输出高电压
VDH
VDD-0.1
VDD-0.02
V
HM5421B/C
双节锂电池保护
IC
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com